Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download 74FCT574A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 idt54/74fct574/a/c fast cmos octal d register (3-state) military and commercial temperature ranges june 2000 1999 integrated device technology, inc. dsc-5428/- c idt54/74fct574/a/c military and commercial temperature ranges fast cmos octal d registers (3-state) description: the fct574 is an 8-bit register built using an advanced dual metal cmos technology. these registers consist of eight d-type flip-flops with a buffered common clock and buffered 3-state output control. when the output enable ( oe ) is low, the eight outputs are enabled. when the oe input is high, the outputs are in the high-impedance state. input data meeting the set-up and hold time requirements of the d inputs is transferred to the o outputs on the low-to-high transition of the clock input. the fct574 has non-inverting outputs with respect to the data at the d inputs. functional block diagram cp o 0 o 1 o 2 o 3 o 4 o 5 o 6 o 7 oe d d 0 q cp d d 1 q d d 2 q d d 3 q d d 4 q d d 5 q d d 6 q d d 7 q cp cp cp cp cp cp cp features: - idt54/74fct574 equivalent to fast? speed and drive - idt54/74FCT574A up to 30% faster than fast - idt54/74fct574c up to 50% faster than fast - i ol = 48ma (commercial) and 32ma (military) - cmos power levels (1mw typ. static) - edge triggered master/slave, d-type flip-flops - buffered common clock and buffered common three-state control - military product compliant to mil-std-883, class b - meets or exceeds jedec standard 18 specifications - available in the following packages: commercial: soic military: cerdip, lcc, cerpack
2 military and commercial temperature ranges idt54/74fct574/a/c fast cmos octal d register (3-state) pin configuration cerdip/ soic/ cerpack top view lcc top view 2 3 1 16 15 14 11 19 18 20 17 13 12 5 6 7 4 d20-1 so20-2 e20-1 8 9 10 oe d 0 d 1 v cc d 3 d 4 d 5 d 7 gnd o 0 o 3 o 1 o 2 o 4 o 7 o 5 o 6 cp d 2 d 6 1 2 3 4 5 7 9 6 8 10 11 12 13 14 15 16 17 18 19 20 l20-2 oe v cc o 0 d 1 d 0 d 7 gnd cp o 7 o 6 o 3 o 2 o 4 o 5 o 1 index d 2 d 3 d 6 d 4 d 5 pin description pin names description d n d flip-flop data inputs cp clock pulse for the register. enters data on low-to-high transition. o n 3-state outputs (true) oe active low 3-state output enable input function table (1) inputs outputs internal function oe cp d n o n q n hi-z h h l h x x z z nc nc load register l l h h - - - - l h l h l h z z h l h l note: 1. h = high volta g e level l = low voltage level x = dont care z = hi g h-impedance nc = no chan g e - = low-to-high transition absolute maximum ratings (1) symbol rating commercial military unit v term (2) terminal voltage with respect to gnd C0.5 to +7 C0.5 to +7 v v term (3) terminal voltage with respect to gnd C0.5 to v cc C0.5 to v cc v t a operating temperature 0 to +70 C55 to +125 c t bias temperature under bias C55 to +125 C65 to +135 c t stg storage temperature C55 to +125 C65 to +150 c p t power dissipation 0.5 0.5 w i out dc output current 120 120 ma 8-link notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. no terminal voltage may exceed v cc by +.5v unless otherwise noted. 2. input and v cc terminals only. 3. outputs and i/o terminals only. capacitance (t a = +25 o c, f = 1.0mhz) symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 6 10 pf c out output capacitance v out = 0v 8 12 pf 8-link note: 1. this parameter is measured at characterization but not tested.
3 idt54/74fct574/a/c fast cmos octal d register (3-state) military and commercial temperature ranges dc electrical characteristics over operating range following conditions apply unless otherwise specified: v lc = 0.2v; v hc = v cc - 0.2v commercial: t a = 0c to +70c, v cc = 5.0v 5%; military: t a = C55c to +125c, v cc = 5.0v 10% symbol parameter test conditions (1) min. typ. (2) max. unit v ih input high level guaranteed logic high level 2 v v il input low level guaranteed logic low level 0.8 v i i h input high current v cc = max. v i = v cc 5a v i = 2.7v 5 (4) i i l input low current v i = 0.5v C5 (4) v i = gnd C5 i ozh off state (high impedance) v cc = max. v o = v cc 10a output current v o = 2.7v 10 (4) i ozl v o = 0.5v C10 (4) v o = gnd C10 v ik clamp diode voltage v cc = min., i n = C18ma C0.7 C1.2 v i os short circuit current v cc = max. (3) , v o = gnd C60 C120 ma v oh output high voltage v cc = 3v, v in = v lc or v hc , i oh = C32 a v hc v cc v v cc = min. i oh = C300 a v hc v cc v in = v ih or v il i oh = C12ma mil. 2.4 4.3 i oh = C15ma com'l. 2.4 4.3 v ol output low voltage v cc = 3v, v in = v lc or v hc , i ol = 300 a gnd v lc v v cc = min. i ol = 300 a gnd v lc (4) v in = v ih or v il i ol = 32ma mil. 0.3 0.5 i ol = 48ma com'l. 0.3 0.5 notes: 1. for conditions shown as max. or min., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient and maximum loading. 3. not more than one output should be shorted at one time. duration of the short circuit test should not exceed one second. 4. this parameter is guaranteed but not tested.
4 military and commercial temperature ranges idt54/74fct574/a/c fast cmos octal d register (3-state) notes: 1. for conditions shown as max. or min., use appropriate value specified under electrical characteristics for the applicable dev ice type. 2. typical values are at v cc = 5.0v, +25c ambient. 3. per ttl driven input (v in = 3.4v); all other inputs at v cc or gnd. 4. this parameter is not directly testable, but is derived for use in total power supply calculations. 5. values for these conditions are examples of the i cc formula. these limits are guaranteed but not tested. 6. i c = i quiescent + i inputs + i dynamic i c = i cc + d i cc d h n t + i ccd (f cp /2 + f i n i ) i cc = quiescent current d i cc = power supply current for a ttl high input (v in = 3.4v) d h = duty cycle for ttl inputs high n t = number of ttl inputs at d h i ccd = dynamic current caused by an output transition pair (hlh or lhl) f cp = clock frequency for register devices (zero for non-register devices) f i = input frequency n i = number of inputs at f i all currents are in milliamps and all frequencies are in megahertz. power supply characteristics v lc = 0.2v; v hc = v cc - 0.2v symbol parameter test conditions (1) min. typ. (2) max. unit i cc quiescent power supply current v cc = max. v in 3 v hc; v in v lc 0.21.5ma d i cc quiescent power supply current ttl inputs high v cc = max. v in = 3.4v (3) 0.5 2 ma i ccd dynamic power supply current (4) v cc = max. outputs open oe = gnd one input toggling 50% duty cycle v in 3 v hc v in v lc 0.15 0.25 ma/ mhz i c total power supply current (6) v cc = max. outputs open f cp = 10mhz 50% duty cycle v in 3 v hc v in v lc (fct) 1.7 4 ma oe = gnd fi = 5mhz 50% duty cycle one bit toggling v in = 3.4v v in = gnd 2.2 6 v cc = max. outputs open f cp = 10mhz 50% duty cycle v in 3 v hc v in v lc (fct) 47.8 (5) oe = gnd eight bits toggling fi = 2.5mhz 50% duty cycle v in = 3.4v v in = gnd 6.2 16.8 (5)
5 idt54/74fct574/a/c fast cmos octal d register (3-state) military and commercial temperature ranges notes: 1. see test circuit and waveforms. 2. minimum limits are guaranteed but not tested on propagation delays. switching characteristics over operating range 54/74fct574 54/74FCT574A 54/74fct574c com'l. mil. com'l. mil. com'l. mil. symbol parameter conditions (1) min . (2) max. min . (2) max. min . (2) max. min . (2) max. min . (2) max. min . (2) max. unit t plh t phl propagation delay cp to o n c l = 50pf r l = 500 w 2 10 2 11 2 6.5 2 7.2 2 5.2 2 6.2 ns t pzh t pzl output enable time 1.5 12.5 1.5 14 1.5 6.5 1.5 7.5 1.5 5.5 1.5 6.2 ns t phz t plz output disable time 1.5 8 1.5 8 1.5 5.5 1.5 6.5 1.5 5 1.5 5.7 ns t su set-up time high or low, d n to cp 222222ns t h hold time high or low, d n to cp 1.5 1.5 1.5 1.5 1.5 1.5 ns t w cp pulse width high or low 775656ns
6 military and commercial temperature ranges idt54/74fct574/a/c fast cmos octal d register (3-state) pulse generator r t d.u.t. v cc v in c l v out 50pf 500 w 500 w 7.0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v 3v 1.5v 0v data input timing input asynchronous control preset clear etc. synchronous control t su t h t rem t su t h high-low-high pulse low-high-low pulse t w 1.5v 1.5v same phase input transition 3v 1.5v 0v 1.5v v oh t plh output opposite phase input transition 3v 1.5v 0v t plh t phl t phl v ol control input 3v 1.5v 0v 3.5v 0v output normally low output normally high switch closed switch open v ol 0.3v 0.3v t plz t pzl t pzh t phz 3.5v 0v 1.5v 1.5v enable disable v oh preset clear clock enable etc. octal link octal link octal link octal link octal link test cir cuits and w a veforms propagation delay test circuits for all outputs enable and disable times set-up, hold, and release times pulse width switch position test switch open drain disable low closed enable low all other tests open 8-link definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. diagram shown for input control enable-low and input control disable-high. 2. pulse generator for all pulses: rate 1.0mhz; zo 50 w; t f 2.5ns; t r 2.5ns.
7 idt54/74fct574/a/c fast cmos octal d register (3-state) military and commercial temperature ranges corporate headquarters for sales: 2975 stender way 800-345-7015 or 408-727-6116 santa clara, ca 95054 fax: 408-492-8674 www.idt.com* *to search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2. the idt logo is a registered trademark of integrated device technology, inc. ordering information idt xx temp. range xxxx device type xx package x process so commercial options small outline ic (so20-2) fast cmos octal d register (3-state) 54 74 C 55c to +125c C 40c to +85c d e l military options cerdip (d20-1) cerpack (e20-1) leadless chip carrier (l20-2) blank b commercial mil-std-883, class b fct 574 574a 574c


▲Up To Search▲   

 
Price & Availability of 74FCT574A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X